Part Number Hot Search : 
UPB586B M37225MA FR510F BR30100 12S12 M38503M 170M5016 SMCJ54CA
Product Description
Full Text Search
 

To Download W10L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
W005L --- W10L
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 1.5 A
SILICON BRIDGE RECTIFIERS
Rating to 1000V PRV Surge overload rating to 50 Amperes peak
WOM
A .150(3.8) .130(3.3) .305(7.75) .265(6.73) .220(6.73) .180(4.6) B .360(9.1) .340(8.6) .395(10.0) .355(9.0) .340(8.6) .300(7.6) B RB15 WO WOM
Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product Lead solderable per MIL-STD-250 method 2026 Plastic material has UL flammability recognition 94V-O Weight: 0.050 ounces,1.42 grams
.220 .180 (5.6) (4.6) POS. LEAD .032(.81) .028(.71) DIA .220 .180 (5.6) (4.6) MIN 1.27(32.3) MIN 1.20(30.5) A
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
W005L W01L W02L W04L W06L W08L W10L UNITS
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA =25
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 1.5
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 1.0 A Maximum reverse current at rated DC blocking voltage @TA=25 @TA =100
IFSM
50.0
A
VF IR TJ TSTG
1.0 5.0 0.5 - 55 ---- + 150 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287089
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERSE
W005L --- W10L
FIG.2 -- FORWARD DERATING CURVE
PEAK FORWARD SURGE CURRENT, AMPERSE
50
2 1.8 1.6 1.4 1.2 1 .8 .6 .4 .2 0 0 25 50 75 100 125 150 175
Resislive or Inductive Load
40
30
8.3m s Single H alf Sine W ave TJ=125
20
10
0
1
10
100
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT, AMPERSE
INSTANTANEOUS REVERSE CURRENT, MICRD AMPERES
10
10
1.0
1.0
0.1
TJ=125 Pulse Width =300uS
0.1
TJ=25
.01 0.4 0.6 0.8 1.0 1.2 1.4
.01 0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
www.galaxycn.com
Document Number 0287089
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of W10L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X